PART |
Description |
Maker |
591D686X004C2T 591D686X010C2T 591D686X010D2T 591D6 |
Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV 固体钽芯片电容器等于??,低姿态,低ESR,共形涂层,最大简 SW MINI PUSHBUTTON PANEL SEAL Conformal-coated tantalum capacitor;
high CV; low ESR;
low profile 1.2 - 2.0mm Solid Tantalum Chip Capacitors TANTAMOUNT?? Low Profile Low ESR Conformal Coated Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT??, Low Profile, Low ESR, Conformal Coated, Maximum CV
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. aximum CV VISAY[Vishay Siliconix]
|
G7752-10 G7754-03 G7751-02 G7751-21 G7754-01 G7751 |
Active area: 0.6mm; external input voltage: -18V; infrared detector module with preamplifier: high sensitivity module of easy-to-use. For infrared detection Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Packaging: Tape & Reel 红外探测器与前置放大器模 Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
594D477X0004B2T 594D477X0004B2W 594D477X0004B4T 59 |
Solid Tantalum Chip Capacitors TANTAMOUNT垄莽 Conformal Coated, Maximum CV, Low ESR Solid Tantalum Chip Capacitors TANTAMOUNT庐 Conformal Coated, Maximum CV, Low ESR Solid Tantalum Chip Capacitors TANTAMOUNT? Conformal Coated, Maximum CV, Low ESR
|
Vishay Siliconix
|
KA741 KA741D KA741I KA741DTF |
Single Operational Amplifier Tantalum Conformal-Coated Capacitor; Capacitance: 33uF; Voltage: 16V; Case Size: 1.7x3.3 mm; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 4.7uF; Voltage: 16V; Packaging: Tape & Reel From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
KAB02D100M-TLGP KAB04D100M-TLGP KAB03D100M-TLGP KA |
Tantalum Conformal-Coated Capacitor; Capacitance: 22uF; Voltage: 10V; Packaging: Tape & Reel Multi-Chip Package MEMORY CONNECTOR ACCESSORY Tantalum Conformal-Coated Capacitor; Capacitance: 22uF; Voltage: 10V; Packaging: Tape & Reel SPECIALTY MEMORY CIRCUIT, PBGA80
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
592D127X6R3C220H 592D158X06R3R220H 592D158X004X220 |
Solid Tantalum Chip Capacitors TANTAMOUNT㈢, Low Profile, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT垄莽, Low Profile, Conformal Coated, Maximum CV
|
Vishay Siliconix
|
695D |
Solid Tantalum Chip Capacitors, Tantamount, Conformal Coated
|
Vishay
|
595D4741025T23 |
Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
|
Vishay Siliconix
|
594D477X6W3D2T |
Solid Tantalum Chip Capacitors TANTAMOUNT? , Conformal Coated, Maximum CV, Low ESR
|
Vishay Siliconix
|
572D2251025Q23 572D1071010B23 572D1061010P23 572D1 |
Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
|
Vishay Siliconix
|
597D |
TantamountMulti-Anode, Surface-Mount,Ultra-Low-ESR, Conformal-Coated Tantalum Chip Capacitor
|
Vishay Intertechnology,Inc.
|